Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24FC256LI Fiches technique(PDF) 10 Page - Catalyst Semiconductor

No de pièce CAT24FC256LI
Description  256K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC256LI Fiches technique(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24FC256LI Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC256LI Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC256LI Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC256LI Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC256LI Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC256LI Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC256LI Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC256LI Datasheet HTML 11Page - Catalyst Semiconductor CAT24FC256LI Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT24FC256
10
Doc. No. 1040, Rev. J
Notes:
1.
Complies with JEDEC publication 95 MS-012 dimensions; however, some dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
3.
Lead coplanarity is 0.004" (0.102mm) maximum.
8-LEAD 150 MIL WIDE SOIC (J, W)
0.149 (3.80)
0.1574 (4.00)
0.2284 (5.80)
0.2440 (6.20)
0.0532 (1.35)
0.0688 (1.75)
0.0040 (0.10)
0.0098 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0.0099 (0.25)
0.0196 (0.50)
0.0075 (0.19)
0.0098 (0.25)
0.016 (0.40)
0.050 (1.27)
0˚-8˚
X 45
˚
0.1890 (4.80)
0.1968 (5.00)
8-LEAD 250 MIL WIDE SOIC (K, X)
0.0267 (0.68)
0.0137 (0.35)
0.0177 (0.45)
0.205 (5.20)
0.213 (5.40)
0.303 (7.70)
0.318 (8.10)
0.080 (2.03)
MAX
0.008 (0.20)
0.025 (0.65)
4˚ REF
0.205 (5.15)
0.210 (5.35)
0.0303 (0.77)
0.046 (1.17)
0.054 (1.37)
Notes:
1.
All linear dimensions are in inches and parenthetically in millimeters.
2.
Lead coplanarity is 0.004" (0.102mm) maximum.


Numéro de pièce similaire - CAT24FC256LI

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24FC256LI-1.8TE13 CATALYST-CAT24FC256LI-1.8TE13 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256LITE13 CATALYST-CAT24FC256LITE13 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results

Description similaire - CAT24FC256LI

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com