Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM10NB60 Fiches technique(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSM10NB60
Description  High power and current handling capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM10NB60 Fiches technique(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TSM10NB60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TSM10NB60
Taiwan Semiconductor
Document Number: DS_P0000276
7
Version: A15
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular
purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Numéro de pièce similaire - TSM10NB60

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
   60V N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM10N06CP DOINGTER-TSM10N06CP Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM10N06CPRO TSC-TSM10N06CPRO Datasheet
302Kb / 6P
   60V N-Channel MOSFET
TSM10N60 TSC-TSM10N60 Datasheet
379Kb / 6P
   600V N-Channel Power MOSFET
TSM10N60 TSC-TSM10N60 Datasheet
399Kb / 9P
   600V N-Channel MOSFET
More results

Description similaire - TSM10NB60

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
GDSSF2816EB GOOD-ARK-GDSSF2816EB Datasheet
444Kb / 4P
   High Power and current handling capability
GDSSF2418EB GOOD-ARK-GDSSF2418EB Datasheet
507Kb / 4P
   High Power and current handling capability
GDSSF6401 GOOD-ARK-GDSSF6401 Datasheet
953Kb / 6P
   High Power and current handling capability
logo
Silikron Semiconductor ...
SSF2418EB SILIKRON-SSF2418EB Datasheet
300Kb / 5P
   High Power and current handling capability
SSF2816EB SILIKRON-SSF2816EB Datasheet
304Kb / 5P
   High Power and current handling capability
SSF3617 SILIKRON-SSF3617 Datasheet
334Kb / 5P
   High Power and current handling capability
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com