Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM10NB60 Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSM10NB60
Description  High power and current handling capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM10NB60 Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM10NB60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM10NB60 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSM10NB60
Taiwan Semiconductor
Document Number: DS_P0000276
5
Version: A15
CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area (ITO-220)
Normalized Thermal Transient Impedance, Junction-to-Case (ITO-220)
10
-4
10
-3
10
-2
10
1
Square Wave Pulse Duration (s)
10
-1
10
0
10
-1
10
-2
10
-4
10
1
10
-6
10
0
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single pulse
10
-5
10
-3
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
VDS, Drain to Source Voltage (V)


Numéro de pièce similaire - TSM10NB60

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
   60V N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM10N06CP DOINGTER-TSM10N06CP Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM10N06CPRO TSC-TSM10N06CPRO Datasheet
302Kb / 6P
   60V N-Channel MOSFET
TSM10N60 TSC-TSM10N60 Datasheet
379Kb / 6P
   600V N-Channel Power MOSFET
TSM10N60 TSC-TSM10N60 Datasheet
399Kb / 9P
   600V N-Channel MOSFET
More results

Description similaire - TSM10NB60

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
GDSSF2816EB GOOD-ARK-GDSSF2816EB Datasheet
444Kb / 4P
   High Power and current handling capability
GDSSF2418EB GOOD-ARK-GDSSF2418EB Datasheet
507Kb / 4P
   High Power and current handling capability
GDSSF6401 GOOD-ARK-GDSSF6401 Datasheet
953Kb / 6P
   High Power and current handling capability
logo
Silikron Semiconductor ...
SSF2418EB SILIKRON-SSF2418EB Datasheet
300Kb / 5P
   High Power and current handling capability
SSF2816EB SILIKRON-SSF2816EB Datasheet
304Kb / 5P
   High Power and current handling capability
SSF3617 SILIKRON-SSF3617 Datasheet
334Kb / 5P
   High Power and current handling capability
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com