Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS19371CX6 Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS19371CX6
Description  Inherently Matched LED Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371CX6 Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19371CX6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19371CX6
Taiwan Semiconductor
5
Version: J1708
APPLICATION INFORMATION (CONTINUE)
Typical Application Circuit
Reference Design Information
VIN Range
(V)
VLED
(V)
L (
μH)
LED
(Series)
LED
(Parallel)
Current
(Series/mA)
Resistor
(Ω)
Efficiency
(%)
5
19.8
22
6pcs
14
20
4.75
81.2
9
29.7
33
9pcs
14
20
4.75
83.6
12
29.7
47
9pcs
14
20
4.75
87.2
15
29.7
68
9pcs
14
20
4.75
88.4
Typical Application Circuit for 1W x 6pcs LEDs
Reference Design Information
VIN Range
(V)
VLED.
(V)
L (
μH)
1W LED
(Series)
Current
(mA)
Resistor
(Ω)
Efficiency
(%)
12~15
19.8
68
6pcs
350
0.22
88


Numéro de pièce similaire - TS19371CX6

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19371CX6RF TSC-TS19371CX6RF Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RFG TSC-TS19371CX6RFG Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Description similaire - TS19371CX6

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
L5109G-AG6-R UTC-L5109G-AG6-R Datasheet
190Kb / 4P
   Inherently Uniform LED Current
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TT Electronics.
LOB TTELEC-LOB Datasheet
531Kb / 3P
   Inherently non-inductive
logo
Wabash Transformer Inc.
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Vishay Siliconix
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com