Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTCLE203E3 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce NTCLE203E3
Description  NTC Thermistors, Radial Leaded, Accuracy Line
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE203E3 Fiches technique(HTML) 1 Page - Vishay Siliconix

  NTCLE203E3_17 Datasheet HTML 1Page - Vishay Siliconix NTCLE203E3_17 Datasheet HTML 2Page - Vishay Siliconix NTCLE203E3_17 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTCLE203E3
www.vishay.com
Vishay BCcomponents
Revision: 26-Jun-17
1
Document Number: 29048
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Radial Leaded, Accuracy Line
Notes
(1) Response time in silicone oil MS200/50. This is the time needed
for the sensor to reach 63.2 % of the total temperature
difference when subjected to a temperature change from 25 °C
in air to 85 °C in oil. Thermal time constant by cooling from
electrically pre-heated body
(2) Valid for all types with the exception of the
R25 values 12 kΩ,
22 k
Ω and 470 kΩ
FEATURES
• Accurate over
a
wide temperature range
(tolerance on B-value down to 0.5 %)
• Good stability over a long life
• Excellent price/performance ratio
• Low heat conductivity through 0.4 mm Ni-leads
• UL recognized, file E148885
• RoHS compliant, available with or without
exemption
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing and control in
industrial, consumer and telecom applications. For
on-board sensing or accurate remote sensing
DESCRIPTION
These thermistors are made of NTC ceramic material. The
device consists of a chip with two tinned nickel leads. The
parts are coated and color band marked. Tape and reel
versions available on request.
PACKAGING
The thermistors are packed in cardboard boxes; the
smallest packing quantity is 500 units.
DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/.
MARKING
The thermistors are marked with color bands on a grey
epoxy base coating; see Dimensions and “Electrical Data
and Ordering Information”.
MOUNTING
By soldering in any position. Not intended for potting.
Note
(1) Replace * in SAP by J for ± 5 %, H for ± 3 %, G for ± 2 %, F for ± 1 %
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
2K to 470K
Ω
Tolerance on
R25-value
± 1; ± 2; ± 3; ± 5
%
B25/85-value
3528 to 4570
K
Tolerance on B25/85-value
± 0.5 to ± 2.0
%
Operating temperature range at:
°C
Zero dissipation (continuously)
-40 to +125
Zero dissipation (for short
periods) (2)
≤ 150
Maximum power dissipation
100
mW
Dissipation factor
δ (1)
2.2
mW/K
Response time (1)
≈ 1.7
s
Thermal time constant
τ
13
Mass
≈ 0.11
g
Available
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(Ω)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
SAP MATERIAL NUMBER
(WITH RoHS EXEMPTIONS)
NTCLE203E3...... (1)
SAP MATERIAL NUMBER
(WITHOUT RoHS EXEMPTIONS)
NTCLE203E3..... (1)
UL
APPROVED
CODING
(see dimensions)
Y/N
I
II
2000
1, 2, 3, 5
3528
0.5
202*B0
202*B0A
Y
Orange
Orange
2700
1, 2, 3, 5
3977
0.75
272*B0
272*B0A
Y
Red
Red
4700
1, 2, 3, 5
3977
0.75
472*B0
472*B0A
Y
Green
Green
5000
1, 2, 3, 5
3977
0.75
502*B0
502*B0A
Y
Black
White
10 000
1, 2, 3, 5
3977
0.75
103*B0
103*B0A
Y
Blue
Blue
12 000
1, 2, 3, 5
3740
2
123*B0
123*B0A
Y
Yellow
Yellow
22 000
1, 2, 3, 5
3740
2
223*B0
223*B0A
Y
White
White
47 000
1, 2, 3, 5
4090
1.5
473*B0
473*B0A
Y
Black
Black
68 000
1, 2, 3, 5
4190
1.5
683*B0
683*B0A
Y
Grey
Grey
100 000 1, 2, 3, 5
4190
1.5
104*B0
104*B0A
Y
Brown
Brown
470 000 1, 2, 3, 5
4570
1.5
474*B0
474*B0A
N
Violet
Violet


Numéro de pièce similaire - NTCLE203E3_17

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
NTCLE203E3...SB0 VISHAY-NTCLE203E3...SB0 Datasheet
118Kb / 7P
   NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
01-Jan-2022
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE203E3103SB0 VISHAY-NTCLE203E3103SB0 Datasheet
108Kb / 7P
   NTC Thermistors, 2-Point Radial Leaded, Automotive Grade
Revision: 20-May-11
NTCLE203E3103SB0 VISHAY-NTCLE203E3103SB0 Datasheet
118Kb / 7P
   NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
01-Jan-2022
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 16-Sep-11
More results

Description similaire - NTCLE203E3_17

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE203E3 VISHAY-NTCLE203E3_V01 Datasheet
105Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
01-Jan-2022
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 16-Sep-11
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE101E3...SB0 VISHAY-NTCLE101E3...SB0 Datasheet
78Kb / 2P
   NTC Thermistors, Radial Leaded Special Accuracy
01-Jan-2022
NTCLE101E3 VISHAY-NTCLE101E3_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Radial Leaded Special Accuracy
01-Jan-2022
23226403 VISHAY-23226403 Datasheet
217Kb / 19P
   NTC Thermistors, Accuracy Line
Revision: 10-Oct-03
232264053202 VISHAY-232264053202 Datasheet
79Kb / 6P
   NTC Thermistors, Accuracy Line
Revision: 15-Jun-04
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com