Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF89XA Fiches technique(PDF) 75 Page - Microchip Technology

No de pièce MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Fiches technique(HTML) 75 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 71Page - Microchip Technology MRF89XA Datasheet HTML 72Page - Microchip Technology MRF89XA Datasheet HTML 73Page - Microchip Technology MRF89XA Datasheet HTML 74Page - Microchip Technology MRF89XA Datasheet HTML 75Page - Microchip Technology MRF89XA Datasheet HTML 76Page - Microchip Technology MRF89XA Datasheet HTML 77Page - Microchip Technology MRF89XA Datasheet HTML 78Page - Microchip Technology MRF89XA Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 75
MRF89XA
FIGURE 3-19:
RX PROCESSING IN CONTINUOUS MODE
3.9.3
INTERRUPT SIGNALS MAPPING
Table 3-5 and Table 3-6 provide the description of the
interrupts available in Continuous mode.
TABLE 3-5:
INTERRUPT MAPPING IN CONTINUOUS RX MODE
TABLE 3-6:
INTERRUPT MAPPING IN CONTINUOUS TX MODE
DATA (NRZ)
DCLK
Note:
In Continuous mode, it is always recom-
mended to enable the bit synchronizer to
clean the DATA signal even if the micro-
controller does not use the DCLK signal
(bit synchronizer is automatically enabled
in Buffered and Packet mode).
Interrupt Name
Interrupts
Data Mode
Interrupt Type
Interrupt Source
IRQ0RXS<1:0>
00 (default)
IRQ0
Continuous
Output
Sync Pattern
01
IRQ0
Continuous
Output
RSSI
10
IRQ0
Continuous
Output
11
IRQ0
Continuous
Output
IRQ1RXS<1:0>
00 (default)
IRQ1
Continuous
Output
DCLK
01
IRQ1
Continuous
Output
DCLK
10
IRQ1
Continuous
Output
DCLK
11
IRQ1
Continuous
Output
DCLK
Note 1: In Continuous mode, no interrupt is available in Standby mode.
2: See also the DMODE1:DMODE0 bits in the FTXRXIREG and FTPRIREG registers.
Interrupt Name
Interrupts
Data Mode
Interrupt Type
Interrupt Source
IRQ0TXST
0 (default)
IRQ0
Continuous
Output
1
IRQ0
Continuous
Output
IRQ1TX
0 (default)
IRQ1
Continuous
Output
DCLK
1
IRQ1
Continuous
Output
DCLK
Note 1: In Continuous mode, no interrupt is available in Standby mode.
2: Also refer the DMODE1:DMODE0 bits in the FTXRXIREG and FTPRIREG registers for details.


Numéro de pièce similaire - MRF89XA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

Description similaire - MRF89XA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com