Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


B34063A Datasheet(Fiches technique) 4 Page - List of Unclassifed Manufacturers

Numéro de pièce B34063A
Description  1.5Amp DC-to-DC Converter Control Circuit
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo 

   
 4 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B34063A
Figure 8. Step-Up Converter
Test
Conditions
Results
Line Regulation
VIN = 8.0 V to 16 V, IO = 175 mA
30 mV = + 0.05%
Load Regulation
VIN = 12 V, IO = 75 mA to 175 mA
10 mV = + 0.01%
Output Ripple
VIN = 12 V, IO = 175 mA
400 mVp-p
Efficiency
VIN = 12 V, IO = 175 mA
89.2%
Output Ripple With Optional Filter
VIN = 12 V, IO = 175 mA
40 mVp-p




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AMS34063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAdvanced Monolithic Systems
AMS36063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 Advanced Monolithic Systems
GM340631.5A DC-to-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
PL34063AQ8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
SL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 System Logic Semiconductor
IP35063DC-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 Seme LAB
H34063ADC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
MC34063ADC-to-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreON Semiconductor
AX34063APDC-to-DC Converter Integrate Circuit Devices 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl