Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AT89C5130A-M Datasheet(Fiches technique) 5 Page - ATMEL Corporation

Numéro de pièce AT89C5130A-M
Description  8-bit Flash Microcontroller with Full Speed USB Device
Télécharger  184 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo 

 
 5 page
background image
5
AT89C5130A/31A-M
4337C–USB–02/05
Figure 2. AT89C5130A/31A-M 64-pin VQFP Pinout
17 18
22
21
20
19
25
24
23
26 27
62 61 60 59 58
63
57 56 55 54 53
1
2
3
4
5
6
7
8
9
10
11
48
47
46
45
44
43
42
41
40
39
38
VQFP64
64
52
12
13
28 29
36
37
51 50 49
35
33
34
14
15
16
30 3132
P2.7/A15
P2.6/A14
UCAP
XTAL2
RST
P3.7/RD/LED3
P2.3/A11
P2.4/A12
NC
NC
P3.0/RxD
NC
AVSS
P3.6/WR/LED2
VSS
NC
P0.6/AD6
P0.7/AD7
P2.5/A13
P0.3/AD3
P0.5/AD5
P0.4/AD4
P0.2/AD2
P0.1/AD1
XTAL1
AVDD
NC
NC
NC
NC
NC
VDD




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AT89C5131A-L8-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation
AT89C51318-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation
ST22T064-ASmartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller 1 2 3 4 5 MoreSTMicroelectronics
ST7HUBUSB 1.1 HUB WITH 2 DOWNSTREAMS FULL SPEED FUNCTION 8-BIT MCU 10-BIT ADC 3 TIMERS 2 PWMs 1 2 3 4 5 MoreSTMicroelectronics
ST7262LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS FLASH OR ROM MEMORY LVD WDG 10-BIT ADC 2 TIMERS SCI SPI 1 2 3 4 5 MoreSTMicroelectronics
ST7263BLOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM UP TO 512 BYTES RAM 8-BIT ADC WDG TIMER SCI & I²C 1 2 3 4 5 MoreSTMicroelectronics
ST7260LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE SCI 1 2 3 4 5 MoreSTMicroelectronics
AT89C55WD8-bit Microcontroller with 20K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S44338-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl