Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV5055 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce DRV5055
Description  Ratiometric Linear Hall Effect Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5055 Fiches technique(HTML) 5 Page - Texas Instruments

  DRV5055 Datasheet HTML 1Page - Texas Instruments DRV5055 Datasheet HTML 2Page - Texas Instruments DRV5055 Datasheet HTML 3Page - Texas Instruments DRV5055 Datasheet HTML 4Page - Texas Instruments DRV5055 Datasheet HTML 5Page - Texas Instruments DRV5055 Datasheet HTML 6Page - Texas Instruments DRV5055 Datasheet HTML 7Page - Texas Instruments DRV5055 Datasheet HTML 8Page - Texas Instruments DRV5055 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
DRV5055
www.ti.com
SBAS640 – JANUARY 2018
Product Folder Links: DRV5055
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
B is the applied magnetic flux density.
(2)
See the Ratiometric Architecture section.
(3)
BL describes the minimum linear sensing range at 25°C taking into account the maximum VQ and Sensitivity tolerances.
(4)
See the Sensitivity Linearity section.
(5)
STC describes the rate the device increases Sensitivity with temperature. For more information, see the Sensitivity Temperature
Compensation For Magnets section.
6.6 Magnetic Characteristics
for VCC = 3 V to 3.63 V and 4.5 V to 5.5 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VQ
Quiescent voltage
B = 0 mT, TA = 25°C
VCC = 5 V
2.43
2.5
2.57
V
VCC = 3.3 V
1.59
1.65
1.71
VQΔT
Quiescent voltage temperature drift
B = 0 mT,
TA = -40°C to 125°C versus 25°C
±1% × VCC
V
VQRE
Quiescent voltage ratiometry error(2)
±0.2%
VQΔL
Quiescent voltage lifetime drift
High-temperature operating stress for
1000 hours
<0.5%
S
Sensitivity
VCC = 5 V,
TA = 25°C
DRV5055A1
95
100
105
mV/mT
DRV5055A2
47.5
50
52.5
DRV5055A3
23.8
25
26.2
DRV5055A4
11.9
12.5
13.2
VCC = 3.3 V,
TA = 25°C
DRV5055A1
57
60
63
DRV5055A2
28.5
30
31.5
DRV5055A3
14.3
15
15.8
DRV5055A4
7.1
7.5
7.9
BL
Linear magnetic sensing range(3)(4)
VCC = 5 V,
TA = 25°C
DRV5055A1
±21
mT
DRV5055A2
±42
DRV5055A3
±85
DRV5055A4
±169
VCC = 3.3 V,
TA = 25°C
DRV5055A1
±22
DRV5055A2
±44
DRV5055A3
±88
DRV5055A4
±176
VL
Linear range of output voltage(4)
0.2
VCC – 0.2
V
STC
Sensitivity temperature compensation
for magnets(5)
0.12
%/°C
SLE
Sensitivity linearity error(4)
VOUT is within VL
±1%
SSE
Sensitivity symmetry error(4)
VOUT is within VL
±1%
SRE
Sensitivity ratiometry error(2)
TA = 25°C,
with respect to VCC = 3.3 V or 5 V
–2.5%
2.5%
SΔL
Sensitivity lifetime drift
High-temperature operating stress for
1000 hours
<0.5%
%


Numéro de pièce similaire - DRV5055

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055 TI1-DRV5055 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
More results

Description similaire - DRV5055

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
[Old version datasheet]   Unipolar Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com