Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC162244ADGG Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
74LVC162244ADGG Fiches technique(HTML) 9 Page - NXP Semiconductors |
9 / 16 page 2003 Dec 12 9 Philips Semiconductors Product specification 16-bit buffer/line driver, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state 74LVC162244A; 74LVCH162244A AC CHARACTERISTICS GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; RL = 500 Ω. Notes 1. All typical values are measured at Tamb =25 °C. 2. Value is measured at VCC = 3.3 V. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT WAVEFORMS VCC (V) Tamb = −40 to +85 °C; note1 tPHL/tPLH propagation delay nAn to nYn see Figs 5 and 7 1.2 − 11.0 − ns 2.7 1.0 − 6.7 ns 3.0 to 3.6 1.0 3.0(2) 5.8 ns tPZH/tPZL 3-state output enable time nOE to nYn see Figs 6 and 7 1.2 − 15.0 − ns 2.7 1.5 − 7.6 ns 3.0 to 3.6 1.0 3.5(2) 6.0 ns tPHZ/tPLZ 3-state output disable time nOE to nYn see Figs 6 and 7 1.2 − 10.0 − ns 2.7 1.5 − 4.7 ns 3.0 to 3.6 1.5 2.8(2) 4.5 ns Tamb = −40 to +125 °C tPHL/tPLH propagation delay nAn to nYn see Figs 5 and 7 1.2 −−− ns 2.7 1.0 − 8.5 ns 3.0 to 3.6 1.0 − 7.5 ns tPZH/tPZL 3-state output enable time nOE to nYn see Figs 6 and 7 1.2 −−− ns 2.7 1.5 − 9.5 ns 3.0 to 3.6 1.0 − 7.5 ns tPHZ/tPLZ 3-state output disable time nOE to nYn see Figs 6 and 7 1.2 −−− ns 2.7 1.5 − 6.0 ns 3.0 to 3.6 1.5 − 6.0 ns |
Numéro de pièce similaire - 74LVC162244ADGG |
|
Description similaire - 74LVC162244ADGG |