Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5062G Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce 2N5062G
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5062G Fiches technique(HTML) 5 Page - ON Semiconductor

  2N5062G Datasheet HTML 1Page - ON Semiconductor 2N5062G Datasheet HTML 2Page - ON Semiconductor 2N5062G Datasheet HTML 3Page - ON Semiconductor 2N5062G Datasheet HTML 4Page - ON Semiconductor 2N5062G Datasheet HTML 5Page - ON Semiconductor 2N5062G Datasheet HTML 6Page - ON Semiconductor 2N5062G Datasheet HTML 7Page - ON Semiconductor 2N5062G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N5060 Series
http://onsemi.com
5
0.7
0.3
0.4
0.5
0.6
0.8
VAK = 7.0 V
RL = 100
RGK = 1.0 k
3.0
0.8
0.4
0.6
1.0
2.0
50
0
−75
−50
−25
4.0
25
100
75
110
TJ, JUNCTION TEMPERATURE (°C)
2N5060,61
100
VAK = 7.0 V
RL = 100
RGK = 1.0 k
0.2
0.5
1.0
2.0
5.0
10
20
50
200
VAK = 7.0 V
RL = 100
2N5062-64
2N5060-61
TYPICAL CHARACTERISTICS
50
0
75
−50
−25
25
100
75
110
TJ, JUNCTION TEMPERATURE (°C)
50
0
−75
−50
−25
25
100
75
TJ, JUNCTION TEMPERATURE (°C)
2N5062-64
0.02
0.2
20
10
5.0
2.0
1.0
0.05
0.01
0.002
0.005
0.5
0.02
0.01
0.5
0.1
0.05
0.1
0.2
t, TIME (SECONDS)
1.0
110
Figure 6. Thermal Response
Figure 7. Typical Gate Trigger Voltage
Figure 8. Typical Gate Trigger Current
Figure 9. Typical Holding Current


Numéro de pièce similaire - 2N5062G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N5062G ONSEMI-2N5062G Datasheet
116Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
More results

Description similaire - 2N5062G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com