Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3125 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SK3125
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3125 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SK3125 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3125
2002-08-23
4
RDS (ON) - Tc
IDR - VDS
Dynamic input/output characteristics
PD - Tc
Case temperature Tc (°C)
Drain-source voltage VDS (V)
Total gate charge Qg (nC)
Case temperature Tc (°C)
Vth – Tc
Case temperature Tc (°C)
0
-80
-40
0
40
80
120
160
1
2
3
5
4
Common source
VDS = 10 V
ID = 1 mA
Pulse test
6
0
0
20
40
80
200
Common source
ID = 70 A
Tc
= 25°C
Pulse test
120
10
30
40
VDD = 24 V
VDS
VGS
50
160
0
10
20
5
15
25
12
0
50
150
100
200
0
40
120
200
80
160
-80
-40
0
40
80
120
160
0
4
8
12
16
20
Common source
VGS = 10 V
Pulse test
ID = 15, 30 A
70
1000
Common source
Tc
= 25°C
Pulse test
VGS = 0 V, -1 V
3
5
1
10
10
100
1
0
0.4
1.2
0.8
1.6
2.0


Numéro de pièce similaire - 2SK3125

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3125 TOSHIBA-2SK3125 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125 Datasheet
192Kb / 6P
   DC-DC Converter, Relay Drive and
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125_08 Datasheet
192Kb / 6P
   DC-DC Converter, Relay Drive and
More results

Description similaire - 2SK3125

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3562 TOSHIBA-2SK3562 Datasheet
232Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3569 TOSHIBA-2SK3569 Datasheet
150Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3561 TOSHIBA-2SK3561 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
TPC8002 TOSHIBA-TPC8002 Datasheet
514Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
2SK3934 TOSHIBA-2SK3934 Datasheet
75Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSVI)
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com