Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZY7V5GP Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce ZY7V5GP
Description  2 W Glass Passivated Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

ZY7V5GP Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  ZY7V5GP Datasheet HTML 1Page - List of Unclassifed Manufacturers ZY7V5GP Datasheet HTML 2Page - List of Unclassifed Manufacturers ZY7V5GP Datasheet HTML 3Page - List of Unclassifed Manufacturers ZY7V5GP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
ZY6V2GP......ZY200GP
2 W Glass Passivated Zener Diode
Mounting instructions
1. Min. distance from body to soldering point,
4 mm.
2. Max. solder temperature, 350 °C.
3. Max. soldering time, 3.5 sec.
4. Do not bend lead at a point closer than
2 mm. to the body.
Dimensions in mm.
DO-15
(Plastic)
Maximum Ratings, according to IEC publication No. 134
Power dissipation at Tamb = 25 ºC
Non repetitive peak zener dissipation
(t = 10 ms)
P
tot
P
ZSM
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 175 °C
– 65 to + 175 °C
Electrical Characteristics at Tamb = 25 °C
R
thj-a
Max. thermal resistance at:
10 mm. lead length
60 °C/W
Power
2.0 W
• Glass passivated junction
• The plastic material carries
U/L recognition 94 V-0
• Terminals: Axial Leads
• Polarity: Color band denotes cathode
2 W
± 0.2
6.35
58.5 ± 0.5
60 W
Mar - 01
Voltage
6.2 to 200 V.


Numéro de pièce similaire - ZY7V5GP

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Taychipst Elec...
ZY7V5GP TAYCHIPST-ZY7V5GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
More results

Description similaire - ZY7V5GP

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
1N5343B DGNJDZ-1N5343B Datasheet
60Kb / 3P
   5 W Glass Passivated Zener Diode
logo
Micro Commercial Compon...
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
Micro Commercial Compon...
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com