Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS68040DESC02ZAA Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce TS68040DESC02ZAA
Description  Third- Generation 32-bit Microprocessor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040DESC02ZAA Fiches technique(HTML) 3 Page - ATMEL Corporation

  TS68040DESC02ZAA Datasheet HTML 1Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 2Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 3Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 4Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 5Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 6Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 7Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 8Page - ATMEL Corporation TS68040DESC02ZAA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3
TS68040
2116A–HIREL–09/02
Introduction
The TS68040 is an enhanced, 32-bit, HCMOS microprocessor that combines the inte-
ger unit processing capabilities of the TS68030 microprocessor with independent
4K bytes data and instruction caches and an on-chip FPU. The TS68040 maintains the
32-bit registers available with the entire TS68000 Family as well as the 32-bit address
and data paths, rich instruction set, and versatile addressing modes. Instruction execu-
tion proceeds in parallel with accesses to the internal caches, MMU operations, and bus
controller activity. Additionally, the integer unit is optimized for high-level language
environments.
The TS68040 FPU is user-object-code compatible with the TS68882 floating-point
coprocessor and conforms to the ANSI/IEEE Standard 754 for binary floating-point arith-
metic. The FPU has been optimized to execute the most commonly used subset of the
TS68882 instruction set, and includes additional instruction formats for single and dou-
ble-precision rounding of results. Floating-point instructions in the FPU execute
concurrently with integer instructions in the integer unit.
The MMUs support multiprocessing, virtual memory systems by translating logical
addresses to physical addresses using translation tables stored in memory. The MMUs
store recently used address mappings in two separate ATCs-on-chip. When an ATC
contains the physical address for a bus cycle requested by the processor, a translation
table search is avoided and the physical address is supplied immediately, incurring no
delay for address translation. Each MMU has two transparent translation registers avail-
able that define a one-to-one mapping for address space segments ranging in size from
16M bytes to 4G bytes each.
Each MMU provides read-only and supervisor-only protections on a page basis. Also,
processes can be given isolated address spaces by assigning each a unique table
structure and updating the root pointer upon a task swap. Isolated address spaces pro-
tect the integrity of independent processes.
The instruction and data caches operate independently from the rest of the machine,
storing information for fast access by the execution units. Each cache resides on its own
internal address bus and internal data bus, allowing simultaneous access to both. The
data cache provides write through or copyback write modes that can be configured on a
page-by-page basis.
The TS68040 bus controller supports a high-speed, non multiplexed, synchronous
external bus interface, which allows the following transfer sizes: byte, word (2 bytes),
long word (4 bytes), and line (16 bytes). Line accesses are performed using burst trans-
fers for both reads and writes to provide high data transfer rates.


Numéro de pièce similaire - TS68040DESC02ZAA

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Description similaire - TS68040DESC02ZAA

FabricantNo de pièceFiches techniqueDescription
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
   Third Generation CCFL Controller
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com