Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCS8211 Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TPCS8211
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8211 Fiches technique(HTML) 6 Page - Toshiba Semiconductor

  TPCS8211 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8211 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCS8211
2003-02-20
6
Drain-source voltage VDS (V)
Pulse width tw (S)
rth - tw
0.001
0.01
0.1
1
10
100
1000
Device mounted on a glass-epoxy board (a) (Note 2a)
Single-device operation (Note 3a)
Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
Single-device operation (Note 3a)
Single-device value at dual operation (Note 3b)
(1)
0.1
1
0.3
0.5
3
5
10
30
50
100
300
1000
500
(2)
(3)
(4)
Single pulse
0.01
0.03
0.1
0.3
1
3
10
100
30
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
100
50
* Single pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
ID max (pulse) *
10 ms *
1 ms *
VDSS max
Single-device value at dual
operation
(Note 3b)
Safe operating area


Numéro de pièce similaire - TPCS8211

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCS8211 TOSHIBA-TPCS8211 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Description similaire - TPCS8211

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208 TOSHIBA-TPC8208 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com