Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC83220-0020 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC83220-0020
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC83220-0020 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC83220-0020 Datasheet HTML 1Page - Toshiba Semiconductor TC83220-0020 Datasheet HTML 2Page - Toshiba Semiconductor TC83220-0020 Datasheet HTML 3Page - Toshiba Semiconductor TC83220-0020 Datasheet HTML 4Page - Toshiba Semiconductor TC83220-0020 Datasheet HTML 5Page - Toshiba Semiconductor TC83220-0020 Datasheet HTML 6Page - Toshiba Semiconductor TC83220-0020 Datasheet HTML 7Page - Toshiba Semiconductor TC83220-0020 Datasheet HTML 8Page - Toshiba Semiconductor TC83220-0020 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TC83220-0020
2003-02-28
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC83220-0020
TC83220-0020 Single-Chip CMOS LSI for FL (fluorescent) Calculator
The TOSHIBA printing/display calculator circuit
TC83220-0020 is 10- or 12-digit calculator on single-chip CMOS
LSI.
TC83220-0020 can drive the printing machine (M2158II/
M2156II; EPSON) with magnet driver circuit, and can drive the
fluorescent display tube with DC-DC converter.
It contains a 4 K-word ROM, a 256 × 4-bit RAM.
Features
Operational Features
· Print: 11 or 13 digits of data.
(including decimal point. 2 digits of operational
symbol.)
3 digits of commas.
· Display: 10 or 12 digits of data. (including punctuation in each digit.)
1 digit of floating minus sign, memory load, error symbol.
3 digits of commas.
· Decimal output: Decimal set lock key controls output format.
Fixed decimal setting (“0”, “1”, “2”, “3”, “4”, “6”), full floating decimal, and ADD mode.
· Key input buffer: 8 stages
· Function: 4 basic arithmetic functions (+, −, ×, ÷).
Repeat addition and subtraction.
Automatic constants in multiplication, division, percent calculation, calculations.
Automatic percent add-on and percent discount calculation.
Memory calculation.
Automatic accumulating calculation.
Gross margin profit calculation.
Delta percent calculation.
Tax calculation.
Grand total calculation.
Two-key rollover.
· Item counter: 0~999 count up or −999~0~999 count up/down by depressing of + , − key.
· Punctuation: Commas for thousands on display
· Kinds of touch key:
Weight: 4.12 g (typ.)


Numéro de pièce similaire - TC83220-0020

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC83220-0027 TOSHIBA-TC83220-0027 Datasheet
261Kb / 16P
   TC83220-0027 Single-Chip CMOS LSI for FL (fluorescent) Calculator
TC83220-0029 TOSHIBA-TC83220-0029 Datasheet
227Kb / 16P
   TC83220-0029 CMOS Single-Chip LSI for FL (fluorescent) Calculator
More results

Description similaire - TC83220-0020

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com