Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TC74LCX164245FT Datasheet(Fiches technique) 6 Page - Toshiba Semiconductor

Numéro de pièce TC74LCX164245FT
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 6 page
background image
TC74LCX164245FT
2002-01-11
6
Recommended Operating Range
Characteristics
Symbol
Rating
Unit
VCCB
4.5 to 5.5
Power supply voltage
VCCA
2.3 to 3.6
V
Input voltage
(DIR, OE )
VIN
0 to 5.5
V
0 to 5.5
(Note 6)
VI/OB
0 to VCCB (Note 7)
0 to 5.5
(Note 6)
Bus I/O voltage
VI/OA
0 to VCCA (Note 7)
V
±24
(Note 8)
IOUTB
±24
(Note 9)
Output current
IOUTA
±8
(Note 10)
mA
Operating temperature
Topr
-40 to 85
°C
Input rise and fall time
dt/dv
0 to 10 (Note 11)
ns/V
Note 6: OFF state
Note 7: High or low state
Note 8: VCCB = 4.5 to 5.5 V
Note 9: VCCA = 3.0 to 3.6 V
Note 10: VCCA = 2.3 to 2.7 V
Note 11: VINB = 0.8 to 2.0 V, VCCB = 5.0 V
VINA = 0.8 to 2.0 V, VCCA = 3.0 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TC74HC573APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT175PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC4050APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC153AFTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA04FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC90A67FTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC9268PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA245FKTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA05FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC83220-0020TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl