Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3A5018PW Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS3A5018PW
Description  10 OHM QUAD SPDT ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018PW Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TS3A5018PW Datasheet HTML 4Page - Texas Instruments TS3A5018PW Datasheet HTML 5Page - Texas Instruments TS3A5018PW Datasheet HTML 6Page - Texas Instruments TS3A5018PW Datasheet HTML 7Page - Texas Instruments TS3A5018PW Datasheet HTML 8Page - Texas Instruments TS3A5018PW Datasheet HTML 9Page - Texas Instruments TS3A5018PW Datasheet HTML 10Page - Texas Instruments TS3A5018PW Datasheet HTML 11Page - Texas Instruments TS3A5018PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TS3A5018
10 W QUAD SPDT ANALOG SWITCH
SCDS189 – JANUARY 2005
www.ti.com
8
TYPICAL PERFORMANCE
0
1
2
3
4
5
6
7
8
Figure 7. tON and tOFF vs Temperature (V+ = 5 V)
−40
25
85
TA (5C)
tON
tOFF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Figure 8. Logic-Level Threshold vs V+
V+ (V)
VIH
VIL
TA = 25_C
−7
−6
−5
−4
−3
−2
−1
0
1
10
100
1K
Figure 9. Gain vs Frequency Bandwidth
(V+ = 3.3 V)
Frequency (MHz)
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
1
10
100
1k
Figure 10. OFF Isolation vs Frequency (V+ = 3.3 V)
Frequency (MHz)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
Figure 11. Total Harmonic Distortion vs
Frequency
Frequency (MHz)
10
100
100 K
1000
10 K
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 12. Power-Supply Current vs
Temperature (V+ = 3.3 V)
−40
25
85
TA (5C)


Numéro de pièce similaire - TS3A5018PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A5018PW TI-TS3A5018PW Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018PW TI-TS3A5018PW Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018PW TI1-TS3A5018PW Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018PWE4 TI-TS3A5018PWE4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018PWE4 TI-TS3A5018PWE4 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Description similaire - TS3A5018PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Texas Instruments
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com