Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8618 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8618
Description  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8618 Fiches technique(HTML) 3 Page - Analog Devices

  AD8618 Datasheet HTML 1Page - Analog Devices AD8618 Datasheet HTML 2Page - Analog Devices AD8618 Datasheet HTML 3Page - Analog Devices AD8618 Datasheet HTML 4Page - Analog Devices AD8618 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary Technical Data
AD8615/AD8616/AD8618
-
3-
Rev PrA 6/2/03
ELECTRICAL CHARACTERISTICS (@V
S=+5.0V, VCM = VS/2, TA=+25°C unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0V to 5V
80
300
µV
-40°< TA < +125°C
750
µV
Input Bias Current
IB
0.2
60
pA
-40°< TA < +85°C
100
pA
-40°< TA < +125°C
1000
pA
Input Offset Current
IOS
0.1
30
pA
-40°< TA < +85°C
50
pA
-40°< TA < +125°C
500
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0V to 5V
74
89
dB
Large Signal Voltage Gain
AVO
VO= 0.5V to 4.5V,
30
70
V/mV
RL = 2 kΩ , VCM= 0V
Offset Voltage Drift
∆V
OS/∆T
2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1mA
4.925
4.975
V
IL = 10mA
4.7
4.77
V
-40°C to +125°C
4.6
V
Output Voltage Low
VOL
IL = 1mA
15
30
mV
Output Voltage High
VOL
IL = 10mA
125
175
mV
-40°C to +125°C
250
mV
Output Current
IOUT
±50
mA
Closed Loop Output Impedance
ZOUT
f=1 MHz, AV = 1
10
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
67
80
dB
Supply Current/Amplifier
ISY
VO = 0V
1.3
2.0
mA
-40°< TA < +125°C
TBD
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =2 kΩ
12
V/
µs
Settling Time
ts
To 0.01%
<.5
µs
Full Power Bandwidth
BWp
<1% Distortion
TBD
kHz
Gain Bandwidth Product
GBP
20
MHz
Phase Margin
Øo
40
degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f=1kHz
8
nV/
√Hz
Voltage Noise Density
en
f=10kHz
6
nV/
√Hz
Current Noise Density
in
f=1kHz
0.05
pA/
√Hz


Numéro de pièce similaire - AD8618

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8618 AD-AD8618 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8618AR AD-AD8618AR Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

Description similaire - AD8618

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com