Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP165J Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TLP165J
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP165J Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TLP165J Datasheet HTML 1Page - Toshiba Semiconductor TLP165J Datasheet HTML 2Page - Toshiba Semiconductor TLP165J Datasheet HTML 3Page - Toshiba Semiconductor TLP165J Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP165J
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & PhotoTriac
TLP165J
Triac Drive
Programmable Controllers
AC
−Output Module
Solid State Relay
The TOSHIBA mini flat coupler TLP165J is a small outline coupler,
suitable for surface mount assembly.
The TLP165J consists of a photo triac, optically coupled to a gallium
arsenide infrared emitting diode.
· Peak off−state voltage: 600 V (min.)
· Trigger LED current: 10 mA (max.)
· Onstate current: 70 mA (max.)
· Isolation voltage: 2500 Vrms (min.)
· UL recognized: UL1577, file no. E67349
· Option(V4)type
VDE approved: VDE 0884 satisfied
Maximum operating insulation voltage: 565Vpk
Highest permissible over voltage: 4000Vpk
Trigger LED Current
*
Exp. rank IFT7: TLP165J (IFT7)
(Note 1) Application type name for certification test, please use standard product
type name, i.e.
TLP165J(IFT7): TLP165J
Pin Configurations
1 . Anode
3 . Cathode
4 . Terminal 1
6 . Terminal 2
1
3
6
4
Unit in mm
TOSHIBA
11−4C3
Weight: 0.09 g
Trigger LED Current (mA)
VT=6V, Ta=25°C
Type
(Note 1)
Min.
Max.
Marking Of
Classification
(IFT7)
7
T7
None
10
T7, blank


Numéro de pièce similaire - TLP165J

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP165J TOSHIBA-TLP165J Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
More results

Description similaire - TLP165J

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com