Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TFA9842J Datasheet(Fiches technique) 15 Page - NXP Semiconductors

Numéro de pièce TFA9842J
Description  2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Télécharger  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 15 page
background image
Philips Semiconductors
TFA9842J
2-channel audio amplifier (2 x SE or 1 x BTL)
Preliminary data
Rev. 01 — 26 April 2004
15 of 21
9397 750 12013
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
13.1.2
Power supply decoupling
Proper supply bypassing is critical for low-noise performance and high supply voltage
ripple rejection. The respective capacitor location should be as close as possible to
the device and grounded to the power ground. Proper power supply decoupling also
prevents oscillations.
For suppressing higher frequency transients (spikes) on the supply line a capacitor
with low ESR, typical 100 nF, has to be placed as close as possible to the device. For
suppressing lower frequency noise and ripple signals, a large electrolytic capacitor,
e.g. 1000
µF or greater, must be placed close to the device.
The bypass capacitor on pin SVR reduces the noise and ripple on the mid rail
voltage. For good THD and noise performance a low ESR capacitor is recommended.
13.2 Thermal behavior and heatsink calculation
The measured maximum thermal resistance of the IC package, Rth(j-mb), is 2.0 K/W.
A calculation for the heatsink can be made, with the following parameters:
Tamb(max) =60 °C (example)
VCC = 18 V and RL =4 Ω (SE)
Tj(max) = 150 °C (specification)
Rth(tot) is the total thermal resistance between the junction and the ambient including
the heatsink. This can be calculated using the maximum temperature increase
divided by the power dissipation:
Rth(tot) =(Tj(max) − Tamb(max))/PD
Fig 14. Printed-circuit board layout (single-sided); components view.
AUDIO POWER CS NIJMEGEN
27J
an.2003
/FP
IN2
+
IN1
+
MUTE
SB ON
TVA
TFA9843J
+VP
1000
µF
22
µF
10 k
10
k
MCE506
100 nF
150
µF
220
nF
220
nF
MODE
SGND
CIV
CIV




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TFA9843J2-channel audio amplifier SE: 1 W to 20 W or BTL: 4 W to 40 W 1 2 3 4 5 MoreNXP Semiconductors
TDA8947J4-channel audio amplifier SE: 1 W to 25 W; BTL: 4 W to 50 W 1 2 3 4 5 MoreNXP Semiconductors
LM1972Pot 2-Channel 78dB Audio Attenuator with Mute 1 2 3 4 5 MoreNational Semiconductor (TI)
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
PT23152-Channel Audio Processor IC  1 2 3 Princeton Technology Corp
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
UPD6376AUDIO 2-CHANNEL 16-BIT D/A CONVERTER 1 2 3 4 5 MoreNEC
UPD63792-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION 1 2 3 4 5 MoreNEC
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA72222-Channel 2-Position AV Switch for VCR/Audio Use 1 2 3 4 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl