Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TFA9842J Datasheet(Fiches technique) 11 Page - NXP Semiconductors

Numéro de pièce TFA9842J
Description  2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Télécharger  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 11 page
background image
Philips Semiconductors
TFA9842J
2-channel audio amplifier (2 x SE or 1 x BTL)
Preliminary data
Rev. 01 — 26 April 2004
11 of 21
9397 750 12013
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
VCC =17V; Po = 1 W; RL =4 Ω.VCC = 17 V; Po = 1 W; RL =8 Ω.
a.
SE.
b.
BTL.
Fig 8.
Total harmonic distortion-plus-noise as function of frequency.
10
1
10−1
10−2
MCE489
10
THD
+N
(%)
f (Hz)
102
103
104
105
10
1
10−1
10−2
MCE490
10
THD
+N
(%)
f (Hz)
102
103
104
105
VCC =18V; RL =4 Ω.VCC = 18 V; RL =8 Ω.
a.
SE.
b.
BTL.
Fig 9.
Total power dissipation as function of channel output power per channel (worst case, both channels
driven).
020
Po (W)
10
0
2
4
6
8
4
PD
(W)
812
16
MCE507
020
Po (W)
10
0
2
4
6
8
4
PD
(W)
812
16
MCE508




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TFA9843J2-channel audio amplifier SE: 1 W to 20 W or BTL: 4 W to 40 W 1 2 3 4 5 MoreNXP Semiconductors
TDA8947J4-channel audio amplifier SE: 1 W to 25 W; BTL: 4 W to 50 W 1 2 3 4 5 MoreNXP Semiconductors
LM1972Pot 2-Channel 78dB Audio Attenuator with Mute 1 2 3 4 5 MoreNational Semiconductor (TI)
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
PT23152-Channel Audio Processor IC  1 2 3 Princeton Technology Corp
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
UPD6376AUDIO 2-CHANNEL 16-BIT D/A CONVERTER 1 2 3 4 5 MoreNEC
UPD63792-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION 1 2 3 4 5 MoreNEC
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA72222-Channel 2-Position AV Switch for VCR/Audio Use 1 2 3 4 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl