Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TFA9842J Datasheet(Fiches technique) 8 Page - NXP Semiconductors

Numéro de pièce TFA9842J
Description  2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Télécharger  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 8 page
background image
Philips Semiconductors
TFA9842J
2-channel audio amplifier (2 x SE or 1 x BTL)
Preliminary data
Rev. 01 — 26 April 2004
8 of 21
9397 750 12013
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
12. Dynamic characteristics
[1]
The noise output voltage is measured at the output in a frequency range from 20 Hz to 22 kHz (unweighted), with a source impedance
Rsource =0 Ω at the input.
[2]
Supply voltage ripple rejection is measured at the output, with a source impedance Rsource =0 Ω at the input and with a frequency range
from 20 Hz to 22 kHz (unweighted). The ripple voltage is a sine wave with a frequency fripple and an amplitude of 300 mV (RMS), which
is applied to the positive supply rail.
[3]
Output voltage in mute mode (VMODE = 7 V) is measured with an input voltage of 1 V (RMS) in a bandwidth from 20 Hz to 22 kHz,
including noise.
[1]
The noise output voltage is measured at the output in a frequency range from 20 Hz to 22 kHz (unweighted), with a source impedance
Rsource =0 Ω at the input.
[2]
Supply voltage ripple rejection is measured at the output, with a source impedance Rsource =0 Ω at the input and with a frequency range
from 20 Hz to 22 kHz (unweighted). The ripple voltage is a sine wave with a frequency fripple and an amplitude of 300 mV (RMS), which
is applied to the positive supply rail.
[3]
Output voltage in mute mode (VMODE = 7 V) is measured with an input voltage of 1 V (RMS) in a bandwidth from 20 Hz to 22 kHz,
including noise.
Table 9:
Dynamic characteristics SE
VCC =17V; Tamb =25 °C; RL =4 Ω; f = 1 kHz; VMODE =VCC; measured in test circuit Figure 12; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
THD = 10 %; RL =4 Ω
7
7.5
-
W
THD = 0.5 % RL =4 Ω
-
6.1
-
W
THD
total harmonic distortion
Po = 1 W
-
0.1
0.5
%
Gv
SE voltage gain
25
26
27
dB
Zi
input impedance
40
60
-
k
Vn(o)
noise output voltage
[1] -
150
-
µV
SVRR
supply voltage ripple
rejection
fripple = 1 kHz
[2] -60
-
dB
fripple = 100 Hz to 20 kHz
[2] -60
-
dB
Vo(mute)
output voltage in mute mode
[3] -
-
150
µV
αcs
channel separation
Rsource =0 Ω
50
60
-
dB
|Gv|
channel unbalance
-
-
1
dB
Table 10:
Dynamic characteristics BTL
VCC =17V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE =VCC; measured in test circuit Figure 13; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
THD = 10 %; RL =8 Ω
14
15
-
W
THD = 0.5 %; RL =8 Ω
-14
W
THD
total harmonic distortion
Po = 1 W
-
0.05
0.5
%
Gv
BTL voltage gain
31
32
33
dB
Zi
input impedance
20
30
-
k
Vn(o)
noise output voltage
[1] -
200
-
µV
SVRR
supply voltage ripple
rejection
fripple = 1 kHz
[2] -65
-
dB
fripple = 100 Hz to 20 kHz
[2] -65
-
dB
Vo(mute)
output voltage in mute mode
[3] -
-
250
µV
αcs
channel separation
Rsource =0 Ω
50
65
-
dB
|Gv|
channel unbalance
-
-
1
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TFA9843J2-channel audio amplifier SE: 1 W to 20 W or BTL: 4 W to 40 W 1 2 3 4 5 MoreNXP Semiconductors
TDA8947J4-channel audio amplifier SE: 1 W to 25 W; BTL: 4 W to 50 W 1 2 3 4 5 MoreNXP Semiconductors
LM1972Pot 2-Channel 78dB Audio Attenuator with Mute 1 2 3 4 5 MoreNational Semiconductor (TI)
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
PT23152-Channel Audio Processor IC  1 2 3 Princeton Technology Corp
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
UPD6376AUDIO 2-CHANNEL 16-BIT D/A CONVERTER 1 2 3 4 5 MoreNEC
UPD63792-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION 1 2 3 4 5 MoreNEC
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA72222-Channel 2-Position AV Switch for VCR/Audio Use 1 2 3 4 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl