Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC58DAM82A1FT00 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC58DAM82A1FT00
Description  128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58DAM82A1FT00 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC58DAM82A1FT00 Datasheet HTML 1Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 2Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 3Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 4Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 5Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 6Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 7Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 8Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TC58DVM72A1FT00/ TC58DVM72F1FT00
TC58DAM72A1FT00/ TC58DAM72F1FT00
2003-01-24
1/34
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
128-MBIT (16M
8 BITS/8M x 16BITS) CMOS NAND E
2PROM
DESCRIPTION
The TC58DxM72x1xxxx is a 128-Mbit (138,412,032) bit NAND Electrically Erasable and Programmable
Read-Only Memory (NAND E2PROM) organized as 528 bytes/264 words 32 pages 1024 blocks. The device uses
dual power supplies (2.7 V to 3.6 V for VCC and 1.65 V to 1.95 V for VCCQ ). The device has a 528-byte/264-words
static register which allows program and read data to be transferred between the register and the memory cell array
in 528-byte/256-words increments. The Erase operation is implemented in a single block unit (16 Kbytes 512 bytes:
528 bytes 32 pages/8k words + 256 words:264 words x 32 pages).
The TC58DxM72x1xxxx is a serial-type memory device which utilizes the I/O pins for both address and data
input/output as well as for command inputs. The Erase and Program operations are automatically executed making
the device most suitable for applications such as solid-state file storage, voice recording, image file memory for still
cameras and other systems which require high-density non-volatile memory data storage.
FEATURES
Organization
TC58DxM72A1xxxx
TC58DxM72F1xxxx
Memory cell allay 528 32K 8
264 x 32k x 16
Register
528 8
264 x 16
Page size
528 bytes
264 words
Block size
(16K 512) bytes
(8k + 256) words
Modes
Read, Reset, Auto Page Program
Auto Block Erase, Status Read
Mode control
Serial input/output
Command control
Power supply
TC58DVM72x1xxxx
TC58DAM72x1xxxx
Vcc:
2.7V to 3.6V
2.7V to 3.6V
Vccq:
2.7V to 3.6V
1.65V to 1.95V
Program/Erase Cycles 1E5 cycle (with ECC)
Access time
Cell array to register 25 s max
Serial Read Cycle
50 ns min
Operating current
Read (50 ns cycle)
10 mA typ.
Program (avg.)
10 mA typ.
Erase (avg.)
10 mA typ.
Standby
50 A max.
Package
TSOP I 48-P-1220-0.50 (Weight:0.53g typ)
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer,
when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid
situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to
property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide
for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control
instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
The products described in this document are subject to the foreign exchange and foreign trade laws.
The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
The information contained herein is subject to change without notice.
000707EBA1


Numéro de pièce similaire - TC58DAM82A1FT00

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58DVG02D5BAI4 TOSHIBA-TC58DVG02D5BAI4 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58DVG02D5BAI6 TOSHIBA-TC58DVG02D5BAI6 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58DVG02D5TA00 TOSHIBA-TC58DVG02D5TA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58DVG02D5TAI0 TOSHIBA-TC58DVG02D5TAI0 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results

Description similaire - TC58DAM82A1FT00

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
   128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
   64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
   128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
TC58256AFT TOSHIBA-TC58256AFT Datasheet
345Kb / 33P
   256-MBIT (32M X 8 BITS) CMOS NAND E2PROM
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
TH58V128FT TOSHIBA-TH58V128FT Datasheet
1Mb / 32P
   128Mbit (16M x 8bit) CMOS NAND E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34