Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA76432FT Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TA76432FT
Description  1.26-V Adjustable High-Precision Shunt Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432FT Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TA76432FT Datasheet HTML 1Page - Toshiba Semiconductor TA76432FT Datasheet HTML 2Page - Toshiba Semiconductor TA76432FT Datasheet HTML 3Page - Toshiba Semiconductor TA76432FT Datasheet HTML 4Page - Toshiba Semiconductor TA76432FT Datasheet HTML 5Page - Toshiba Semiconductor TA76432FT Datasheet HTML 6Page - Toshiba Semiconductor TA76432FT Datasheet HTML 7Page - Toshiba Semiconductor TA76432FT Datasheet HTML 8Page - Toshiba Semiconductor TA76432FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TA76432FT/FC/F/FR/S
2002-07-12
2
Pin Assignment/Marking
TA76432FT/TA76432FC
TA76432F/FR
No.
TA76432F
TA76432FR
1
CATHODE (K)
REFERENCE
(REF)
2
ANODE (A)
ANODE (A)
3
REFERENCE
(REF)
CATHODE (K)
Note: TA76432F vs. TA76432FR: reverse
pin connection.
How to Order
Product No.
Package Type
Packing Type and Capacity
Minimum Order
TA76432FT (TE85L)
UFV
(surface-mount type)
Embossed tape: 3000/tape
1 tape
TA76432FC (TE85L)
SMV
(surface-mount type)
Embossed tape: 3000/tape
1 tape
TA76432F/R
On cut tape (TE12L): 100/tape section
100
TA76432F/R (TE12L)
PW-MINI (SOT-89)
(surface-mount type)
Embossed tape: 1000/tape
1 tape
TA76432S
Loose in bag: 200/bag
1 bag
TA76432S (TPE6)
TO-92MOD
(lead type)
Radial tape: 2000/tape
1 tape
Note: The lead pitch for the TA76432S and TA76432S (TPE6) may vary.
Functional Block Diagram
Circuit Symbol
Cathode (K)
Reference (REF)
Anode (A)
1.26 V
Anode (A)
Cathode (K)
Reference (REF)
1: REFERENCE (REF)
2: ANODE (A)
3: CATHODE (K)
Lot No: Last decimal digit of the year of manufacture and January
to December is denoted by alphabet A to L respectively.
For example: Jan-2001 coded to “1A”
TA76432S
TA76
1
2
3
432S
1: NC
2: ANODE (A)
3: CATHODE (K)
4: REFERENCE (REF)
5: ANODE (A)
2 F
5
4
1
3
2
13
2
Lot No. (three-digit number)
Type marking
(two-digit number)
Lot No.
Þ The week of manufacture
Þ The year of manufacture
(last decimal digit of the year of
manufacture)
• TA76432F: AU
• TA76432FR: BU


Numéro de pièce similaire - TA76432FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

Description similaire - TA76432FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com